Part Number Hot Search : 
MC74ACT 1N5821 HV0406DG RF310 GBU4D KBPC810 T6328A KE250
Product Description
Full Text Search
 

To Download 2CW032200YQ-PA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2CW032XXXYQ-PX
2CW032XXXYQ-PX SERIES ZENER DIODE CHIPS FOR GLASS SEAL WITH ASYMMETRY LIMITS
DESCRIPTION
2CW032XXXYQ-PX series are low-power zener diode chips for glass seal that fabricated in silicon epitaxial planar technology. The series is asymmetrical regulator voltage chips, that is the upper limit and lower limit is asymmetrical, e.g. Vz=3.0V chips: the upper limit is 3.25V, the lower limit Is 2.95V ,the specification design is better suitable for user's using habit For user convenient choice regulator voltage in narrow limit. The series divided into 4 types in given regulator voltage and named PA, PB, PC and PD. 2CW032XXXYQ-PX CHIP TOPOGRAPHY The chip thickness is 140m. The top electrode material is Ag bump, and the backside electrode material is Ag. Chip size: 0.32 X 0.32 (mm) .
2
2CW032XXXYQ-PX APPEARANCE
Chip Appearance Diagram
Parameter Chip Size Chip Thickness Bump Size Bump Height Scribe Line Width
Symbol D C A B /
Min. 290 120 196 25 --
Type ----40
Max. 310 160 240 55 --
Unit m m m m m
ABSOLUTE MAXIMUM RATINGS
Characteristics Junction Temperature Storage Temperature Symbol Tj Tstg Test conditions ------Value 175 -50~+175 Unit C C
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
Http: www.silan.com.cn
REV:1.0
2008.02.28 Page 1 of 4
2CW032XXXYQ-PX
ELECTRICAL CHARACTERISTICS (For packaged diodes, Tamb=25C)
Type Working Voltage VZ@Iz=5mA Dynamic resistance Zzk()@ 2CW032XXXYQ-PX VZmin-Vzmax(V) Izk=1mA max 2CW032036YQ-PA 2CW032036YQ-PB 2CW032039YQ-PA 2CW032039YQ-PB 2CW032043YQ-PA 2CW032043YQ-PB 2CW032043YQ-PC 2CW032047YQ-PA 2CW032047YQ-PB 2CW032047YQ-PC 2CW032051YQ-PA 2CW032051YQ-PB 2CW032051YQ-PC 2CW032056YQ-PA 2CW032056YQ-PB 2CW032056YQ-PC 2CW032062YQ-PA 2CW032062YQ-PB 2CW032062YQ-PC 2CW032068YQ-PA 2CW032068YQ-PB 2CW032068YQ-PC 2CW032075YQ-PA 2CW032075YQ-PB 2CW032075YQ-PC 2CW032082YQ-PA 2CW032082YQ-PB 2CW032082YQ-PC 2CW032091YQ-PA 2CW032091YQ-PB 2CW032091YQ-PC 3.47~3.68 3.62~3.83 3.77~3.98 3.92~4.14 4.05~4.26 4.2~4.4 4.34~4.53 4.47~4.65 4.59~4.77 4.71~4.91 4.85~5.03 4.97~5.18 5.12~5.35 5.29~5.52 5.46~5.7 5.64~5.88 5.81~6.06 5.99~6.24 6.16~6.4 6.32~6.59 6.52~6.79 6.7~6.97 6.88~7.19 7.11~7.41 7.33~7.64 7.56~7.9 7.82~8.15 8.07~8.41 8.33~8.7 8.61~8.99 8.89~9.29
(To be continued)
Reverse leakage current @Tamb=25@ VR IR(uA) max 10 1
Zzt()@ Izt=5mA max 1100
VR(V)
120
120
1200
5
1
120
1200
5
1
100
1200
5
1
70
1200
5
1.5
40
900
5
2.5
30
500
5
3
25
150
2
3.5
25
120
0.5
4
20
120
0.5
5
20
120
0.5
6
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
Http: www.silan.com.cn
REV:1.0
2008.02.28 Page 2 of 4
2CW032XXXYQ-PX
(Continued)
Type
Working Voltage VZ@Iz=5mA
Dynamic resistance Zzk()@ Zzt()@ Izt=5mA max
Reverse leakage current @Tamb=25@ VR IR(uA) max
2CW032XXXYQ-PX
VZmin-Vzmax(V)
Izk=1mA max
VR(V)
2CW032100YQ-PA 2CW032100YQ-PB 2CW032100YQ-PC 2CW032110YQ-PA 2CW032110YQ-PB 2CW032110YQ-PC 2CW032120YQ-PA 2CW032120YQ-PB 2CW032120YQ-PC 2CW032130YQ-PA 2CW032130YQ-PB 2CW032130YQ-PC 2CW032150YQ-PA 2CW032150YQ-PB 2CW032150YQ-PC 2CW032160YQ-PA 2CW032160YQ-PB 2CW032160YQ-PC 2CW032180YQ-PA 2CW032180YQ-PB 2CW032180YQ-PC 2CW032200YQ-PA 2CW032200YQ-PB 2CW032200YQ-PC 2CW032220YQ-PA 2CW032220YQ-PB 2CW032220YQ-PC 2CW032220YQ-PD 2CW032240YQ-PA 2CW032240YQ-PB 2CW032240YQ-PC 2CW032240YQ-PD
9.19~9.59 9.48~9.9 9.82~10.3 10.18~10.63 10.5~10.95 10.82~11.26 11.13~11.63 11.5~11.92 11.8~12.3 12.18~12.71 12.59~13.16 13.03~13.62 13.48~14.09 13.95~14.56 14.42~15.02 14.87~15.5 15.33~15.96 15.79~16.5 16.34~17.06 16.9~17.67 17.51~18.3 18.14~18.96 18.8~19.68 19.52~20.45 20.23~21.08 20.76~21.65 21.22~22.09 21.68~22.61 22.26~23.12 22.75~23.73 23.29~24.27 23.81~24.81
(To be continued)
20
120
0.2
7
20
110
0.2
8
25
110
0.2
9
25
110
0.2
10
25
110
0.2
11
25
150
0.2
12
30
150
0.2
13
30
200
0.2
15
30
200
0.2
17
35
200
0.2
19
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
Http: www.silan.com.cn
REV:1.0
2008.02.28 Page 3 of 4
2CW032XXXYQ-PX
(Continued)
Type
Working Voltage VZ@Iz=5mA
Dynamic resistance Zzk()@ Zzt()@ Izt=5mA max
Reverse leakage current @Tamb=25@ VR IR(uA) max
2CW032XXXYQ-PX
VZmin-Vzmax(V)
Izk=1mA max
VR(V)
2CW032270YQ-PA 2CW032270YQ-PB 2CW032270YQ-PC 2CW032270YQ-PD 2CW032300YQ-PA 2CW032300YQ-PB 2CW032300YQ-PC 2CW032300YQ-PD 2CW032330YQ-PA 2CW032330YQ-PB 2CW032330YQ-PC 2CW032330YQ-PD 2CW032360YQ-PA 2CW032360YQ-PB 2CW032360YQ-PC
24.26~25.52 24.97~26.26 25.63~26.95 26.29~27.64 26.99~28.39 27.7~29.13 28.36~29.82 29.02~30.51 29.68~31.22 30.32~31.88 30.9~32.5 31.49~33.11 32.14~33.79 32.79~34.49 33.4~35.13 75 250 0.2 27 65 250 0.2 25 55 250 0.2 23 45 250 0.2 21
2CW032360YQ-PD 34.01~35.77 Forward Voltage VF= 1.0 V Maximum @ IF = 100 mA for all 2CW032XXXYQ-PX series.
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
Http: www.silan.com.cn
REV:1.0
2008.02.28 Page 4 of 4


▲Up To Search▲   

 
Price & Availability of 2CW032200YQ-PA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X